Part Number Hot Search : 
MM74HC 21A180 5KP180CA S14045G 74HCT401 C3528 R2009 RSH070
Product Description
Full Text Search
 

To Download RCH-4564NP-2R7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< Pin Type: RCH Series>
Type: RCH-4564
Product Description
5mm Max., 6.5mm Max. Height. Inductance Range: 1.5H1.6mH Rated current range: 0.083.2A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically unshielded construction. Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies's Inductors or DC-DC Converter inductors. RoHS Compliance
.
Dimensions (mm)
Specification
Part Name RCH-4564NP-1R5M Stamp 1R5 2R2 2R7 3R3 4R7 220 330 470 163 Inductance (H) [Within] 1 1.5H20% 2.2H20% 2.7H20% 3.3H20% 4.7H20% 22.0H20% 33.0H20% 47.0H10% 1.6mH10% D.C.R. (m) [Max.] (at20) 25.0 35.5 38.5 43.1 46.0 123 180 330 8100 DC permission current (A)2 3.4 2.9 2.7 2.5 2.0 0.9 0.77 0.64 0.08 Temperature rise current 3 3.2 2.3 2.2 2.1 1.9 1.2 0.9 0.68 0.14
RCH-4564NP-2R2M RCH-4564NP-2R7M RCH-4564NP-3R3M RCH-4564NP-4R7M RCH-4564NP-220M RCH-4564NP-330M RCH-4564NP-470M RCH-4564NP-163K
.Measuring frequency: at 1kHz/1V (1.5H4.7H1.6mH) at 100kHz/1V (2.2H2.7H3.3H) 2. DC permission current:The DC current at which inductance decreases to 90% of its initial value. 3 .Temperature rise current: the DC current at which the temperature rise is T=40(Ta=20). Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of RCH-4564NP-2R7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X